Part Number Hot Search : 
XFHCL HC1S80 E1000 74162 MC10E1 2700000 BU7421SG 10016
Product Description
Full Text Search
 

To Download UC3842A-3843A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  unisonic technologies co., ltd uc3842a/3843a linear integrated circuit www.unisonic.com.tw 1 of 9 copyright ? 2012 unisonic technologies co., ltd qw-r103-002.g current mode pwm control circuits ? description the utc uc3842a/3843a provide the necessary functions to implement off-line or dc to dc fixed frequency current mode , controlled switching circuits with minimal external components. ? features *low start up current ( typical 0.12ma ) *automatic feed forward compensation *pulse-by-pulse current limiting *under-voltage lockout with hysteresis *double pulse suppression *high current totem pole output to drive mosfet directly *internally trimmed band gap reference *500khz operation ? ordering information ordering number package packing lead free halogen free uc3842al-d08-t uc3842ap-d08-t dip-8 tube uc3842al-s08-r uc3842ap-s08-r sop-8 tape reel uc3842al-s08-t uc3842ap-s08-t sop-8 tube uc3843al-d08-t uc3843ap-d08-t dip-8 tube uc3843al-s08-r uc3843ap-s08-r sop-8 tape reel uc3843al-s08-t uc3843ap-s08-t sop-8 tube
uc3842a/3843a linear integrated circuit unisonic technologies co., ltd 2 of 9 www.unisonic.com.tw qw-r103-002.g ? pin configuration rt/ct output gnd 1 2 3 4 8 7 5 6 current sense comp v fb v ref v cc ? block diagram
uc3842a/3843a linear integrated circuit unisonic technologies co., ltd 3 of 9 www.unisonic.com.tw qw-r103-002.g ? absolute maximum ratings (t a =25 , unless otherwise specified) parameter symbol ratings unit supply voltage(low impedance source) v cc 30 v supply voltage(i cc <30ma) v cc self limiting v analog inputs (pin 2,3) v i ( ana ) -0.3 ~ +6.3 v output current (peak ) i o ( peak ) 1 a error amplifier output sink current i sink ( ea ) 10 ma output energy (capacity load) 5 j power dissipation( t a Q 25 ) dip-8 p d 1250 mw sop-8 800 derated at t a >25 8 mw/ junction temperature t j +150 storage temperature t stg -65 ~ +150 note absolute maximum ratings are those values beyond which the device which the device could be permanently damaged. absolute maximum ratings are stress ratings on ly and functional device operation is not implied. ? electrical characteristics (0 Q t a Q 70 , v cc =15v, r t =10k ? , c t =3.3nf, unless otherwise specified) parameter symbol test conditions min typ max unit reference section output voltage v ref t j =25 ,i out =1ma 4.9 5 5.1 v line regulation v ref 12 Q v in 25v 6 20 mv load regulation v ref 1 Q i out =20ma 6 25 mv temperature stability (note 1) 0.2 0.4 mv/ total output variation line, l oad, temp (note 1) 4.82 5.18 v output noise voltage v osc 10hz Q f Q 10khz,t j =25 (note 1) 50 v long term stability t a =25 ,1000hrs (note 1) 5 25 mv output short circuit i sc -30 -100 -180 ma oscillator section initial accuracy f t j =25 47 52 57 khz voltage stability f/ v cc 12 Q v cc Q 25v 0.2 1 % temperature stability t min Q t a Q t max (note 1) 5 % amplitude v osc v pin4 peak to peak 1.7 v error amplifier section input voltage v i ( ea ) v pin1 =2.5v 2.42 2.50 2.58 v input bias current i i ( bias ) -0.3 -2 a avol 2v Q v out Q 4v 60 90 db unity gain bandwidth t j =25 (note 1) 0.7 1 mhz psrr i 2 Q v cc Q 25v 60 70 db output sink current i o ( sink ) v pin2 =2.7v,v pin1 =1.1v 2 6 ma output source current i o ( source ) v pin2 =2.3v,v pin1 =5v -0.5 -0.8 ma v out high v oh v pin2 =2.3v, r l =15k ? to gnd 5 6 v v out low v ol v pin2 =2.7v,v pin1 =1.1v 0.7 1.1 v
uc3842a/3843a linear integrated circuit unisonic technologies co., ltd 4 of 9 www.unisonic.com.tw qw-r103-002.g ? electrical characteristics(cont.) parameter symbol test conditions min typ max unit current sense section gain g v (note 2, 3) 2.85 3 3.15 v/v maximum input signal v i ( max ) v pin1 =5v( note 2) 0.9 1 1.1 v psrr 12v Q v cc Q 25v 70 db input bias current i bias -2 -10 a delay to output v pin3 =0 to 2v 150 300 ns output section output level low v ol i o ( sink ) =20ma 0.1 0.4 v i o ( sink ) =200ma 1.5 2.2 v high v oh i o ( source ) =20ma 13 13.5 v i o ( source ) =200ma 12 13.5 v rise time t r t j =25 ,c l =1nf (note 1) 50 150 ns fall time t f t j =25 ,c l =1nf (note 1) 50 150 ns under-voltage lockout output section start threshold 3842a v th(st) 14.5 16 17.5 v 3843a 7.8 8.4 9 v min. operating voltage 3842a v opr(min) after turn on 8.5 10 11.5 v 3843a 7 7.6 8.2 v pwm section duty cycle max d ( max ) 95 97 100 % min d ( min ) 0 % total standby current start-up current i st 0.12 0.3 ma operating supply current i cc ( opr ) v pin2 =v pin3 =0v 11 17 ma v cc zener voltage v z i cc =25ma 34 v note:1. these parameters, although guaran teed, are not 100% tested in production. 2. parameters measured at trip point of latch with v pin 2 =0. 3. gain defined as: 4. adjust v cc above the start threshold before setting at 15v.
uc3842a/3843a linear integrated circuit unisonic technologies co., ltd 5 of 9 www.unisonic.com.tw qw-r103-002.g ? open-loop laboratory test fixture high peak current associated with capacity loads ne cessitate careful grounding techniques. timing and bypass capacitors should be connected close to pin 5 in single point gnd. the transistor and 5k ? potentio-meter are used to sample the oscillator waveform and apply an adjustable ramp to pin 3. ? under-voltage lockout during under-voltage lockout, the output driver is bi ased to a high impedance state. pin 6 should be shunt to gnd with a bleeder resistor to prevent activating the power switch with output leakage currents. ? error amplifier configuration 2 1 0.5ma 2.5v zf zi error amplifier can source or sink up to 0.5ma
uc3842a/3843a linear integrated circuit unisonic technologies co., ltd 6 of 9 www.unisonic.com.tw qw-r103-002.g ? current sense circuit 5 3 1 2r r1v c rs r is error amplifier current sense comparator peak current (is) determined by the formula: i smax =1.0v/rs. a small rc filter be required to suppress switch transients. ? slope compensation 0.1 f a fraction of the oscillator ramp c an be resistively summed with the current sense signal to provide slope compensation for converts requiring duty cycles over 50%.no te that capacitor c, forms a filter with r2 to suppress the leading edge switch spikes. ? oscillator section dead time vs. c t (r t >5k ? ) timing resistance vs. frequency td ( s) rt (k )
uc3842a/3843a linear integrated circuit unisonic technologies co., ltd 7 of 9 www.unisonic.com.tw qw-r103-002.g ? shutdown techniques 8 3 330 ? 500 ? 1k ? 1 shutdown to current sense resistor shutdown shutdown utc uc3842a can be accomplished by two methods; either raise pin 3 above 1v or pull pin 1 below a voltage two diode drops above ground. either method caused the output of pw m comparator to be high(refer to block diagram). the pwm latch is reset dominant so that the output will remain low until the next clock cycle after the shutdown condition at pins 1 and/or 3 is removed. in one exam ple, an externally latched shut - down may be accomplished by adding an scr which be reset by cycling v cc below the lower uvlo threshold. at this point the reference turns off allowing the scr to reset .
uc3842a/3843a linear integrated circuit unisonic technologies co., ltd 8 of 9 www.unisonic.com.tw qw-r103-002.g ? typical characteristics output saturation characteristics error amplifier open-loop frequency response saturation voltage (v) voltage gain (db) phase (degree) -50 -25 0 25 50 75 100 125 150 4.96 4.97 4.98 4.99 5.00 5.01 5.02 temperature ( ) vcc=15v i out =1ma -50 -25 0 25 50 75 100 125 150 250 300 350 400 450 500 550 temperature ( ) vcc=9v v ref temperature drift istart temperature drift
uc3842a/3843a linear integrated circuit unisonic technologies co., ltd 9 of 9 www.unisonic.com.tw qw-r103-002.g utc assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all utc products described or contained herein. utc products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.


▲Up To Search▲   

 
Price & Availability of UC3842A-3843A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X